| Moteur de recherche de fiches techniques de composants électroniques |
|
M95160-RDL3T Fiches technique(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95160-RDL3T Fiches technique(HTML) 12 Page - STMicroelectronics |
|
12 / 19 page ![]() M95640, M95320 12/39 INSTRUCTIONS Each instruction starts with a single-byte code, as summarized in Table 4. If an invalid instruction is sent (one not contained in Table 4), the device automatically deselects it- self. Table 4. Instruction Set Figure 9. Write Enable (WREN) Sequence Write Enable (WREN) The Write Enable Latch (WEL) bit must be set pri- or to each WRITE and WRSR instruction. The only way to do this is to send a Write Enable instruction to the device. As shown in Figure 9, to send this instruction to the device, Chip Select (S) is driven Low, and the bits of the instruction byte are shifted in, on Serial Data Input (D). The device then enters a wait state. It waits for a the device to be deselected, by Chip Select (S) being driven High. Instruc tion Description Instruction Format WREN Write Enable 0000 0110 WRDI Write Disable 0000 0100 RDSR Read Status Register 0000 0101 WRSR Write Status Register 0000 0001 READ Read from Memory Array 0000 0011 WRITE Write to Memory Array 0000 0010 C D AI02281E S Q 2 1 34567 High Impedance 0 Instruction |