| Moteur de recherche de fiches techniques de composants électroniques |
|
VIPER319 Fiches technique(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VIPER319 Fiches technique(HTML) 3 Page - STMicroelectronics |
|
3 / 39 page ![]() Pin number Name Function 13 to 16 DRAIN MOSFET drain. The internal high-voltage current source sources current from these pins to charge the VCC capacitor at startup. The pins are mechanically connected to the internal metal PAD of the MOSFET in order to facilitate heat dissipation. On the PCB, some copper areas under these pins decreases the total junction-to-ambient thermal resistance thus facilitating the power dissipation. VIPER31 Pin setting DS13285 - Rev 6 page 3/39 |