| Moteur de recherche de fiches techniques de composants électroniques |
|
VIPER319 Fiches technique(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VIPER319 Fiches technique(HTML) 23 Page - STMicroelectronics |
|
23 / 39 page ![]() Figure 35. Connection for input overvoltage protection (iso/non-iso topologies) C1 Cs GND DRAIN GND VCC UVP COMP CONTROL FB VIPER31 RH DIN RL ~ AC OVP CIN from VAUX or VOUT C2 R2 Figure 36. Connection for output overvoltage protection (non-iso topologies) C1 Cs DOUT GND RH RL Rfb2 Rfb1 DRAIN GND VCC UVP COMP CONTROL FB VIPER31 OVP COUT VOUT from VAUX or VOUT C2 R2 4.14 Undervoltage and overvoltage protection If both undervoltage and overvoltage protections are required, they can be set independently from each other through a single voltage divider, as illustrated in the figure below. VIPER31 General description DS13285 - Rev 6 page 23/39 |