| Moteur de recherche de fiches techniques de composants électroniques |
|
S2-LPS Fiches technique(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
S2-LPS Fiches technique(HTML) 7 Page - STMicroelectronics |
|
7 / 73 page ![]() Table 1. Description of the external components of the typical application diagrams Components HPM/LPM discrete balun HPM/LPM integrated balun Description SMPS ON SMPS OFF C0 X X X Decoupling capacitor for on-chip voltage regulator to digital part C1 X - X SMPS LC filter capacitors C2, C3 X X X Crystal loading capacitors C4 X X X Decoupling capacitor for on-chip voltage regulator to synthesizer (LF part) C5 X X X Decoupling capacitor for band-gap voltage reference of VCO regulator C6 X X X Decoupling capacitor for on-chip voltage regulator to LNA-MIXER C29, C30, C31, C32 X X TX LC filter/matching capacitors C11, C13 X X DC blocking capacitors C16, C21 X X X C10, C14, C17 X X RF balun/matching capacitors L0 X - X SMPS LC filter inductor L7 X X X RF choke inductor or resonating inductor (upon RF network topology) L8, L9, L10 X X TX LC filter/matching inductors L3, L5, L6 X X RX balun/matching inductors XTAL X X X Crystal S2-LPS Typical application diagram and pin description DS13831 - Rev 1 page 7/73 |