| Moteur de recherche de fiches techniques de composants électroniques |
|
S2-LPS Fiches technique(PDF) 62 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
S2-LPS Fiches technique(HTML) 62 Page - STMicroelectronics |
|
62 / 73 page ![]() 9 Package information In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages, depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product status are available at: www.st.com. ECOPACK is an ST trademark. 9.1 QFN24L (4x4 mm) package information Figure 16. QFN24L (4x4 mm) package outline S2-LPS Package information DS13831 - Rev 1 page 62/73 |