Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MK68901 Fiches technique(PDF) 30 Page - STMicroelectronics

No de pièce MK68901
Description  MULTI.FUNCTION PERIPHERAL
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK68901 Fiches technique(HTML) 30 Page - STMicroelectronics

Back Button MK68901 Datasheet HTML 25Page - STMicroelectronics MK68901 Datasheet HTML 26Page - STMicroelectronics MK68901 Datasheet HTML 27Page - STMicroelectronics MK68901 Datasheet HTML 28Page - STMicroelectronics MK68901 Datasheet HTML 29Page - STMicroelectronics MK68901 Datasheet HTML 30Page - STMicroelectronics MK68901 Datasheet HTML 31Page - STMicroelectronics MK68901 Datasheet HTML 32Page - STMicroelectronics MK68901 Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
MK68901 48–PIN PLASTIC DUAL–IN–LINE PACKAGE (N)
Millimeters
Inches
Dim
Min.
Max.
Min.
Max.
A
61.468
62.738
2.420
2.470
B
14.986
16.256
.590
.640
C
13.462
13.97
.530
.550
D
3.556
4064
.140
.160
E
0.381
1.524
.015
.060
F
3048
3.81
.120
.150
G
1.524
2.286
.060
.090
H
1.186
1.794
.090
.110
J
15.24
17.78
.600
.700
K
0.381
0.533
.015
.021
L
0.203
0.305
.008
.012
M
1.143
1.778
.045
.070
MK68901
30/33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33