| Moteur de recherche de fiches techniques de composants électroniques |
|
MK50H28PLCC52 Fiches technique(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
MK50H28PLCC52 Fiches technique(HTML) 6 Page - STMicroelectronics |
|
6 / 64 page ![]() Table 1: PIN DESCRIPTION (continued) SIGNAL NAME PIN(S) TYPE DESCRIPTION As a Bus Slave, the MK50H28 asserts READY when it has put data on the DAL lines during a READ cycle or is about to take data from the DAL lines during a WRITE cycle. READY is a response to DAS and it will be released after DAS or CS is negated. RESET 23 [25] I RESET is the Bus signal that will cause MK50H28 to cease operation, clear its internal logic and enter an idle state with the Power Off bit of CSR0 set. TCLK 25 [28] I TRANSMIT CLOCK. A 1x clock input for transmitter timing. TD changes on the falling edge of TCLK. The frequency of TCLK may not be greater than the frequency of SYSCL DTR RTS 26 [29] IO DATA TERMINAL READY, REQUEST TO SEND. Modem control pin. Pin 26 is configurable through CSR5. This pin can be programmed to behave as output RTS or as programmable IO pin DTR. If configured as RTS, the MK50H28 will assert this pin if it has data to send and throughout the transmission of a signal unit. RCLK 27 [30] I RECEIVE CLOCK. A 1x clock input for receiver timing. RD is sampled on the rising edge of RCLK. The frequency of RCLK may not be greater than the frequency of SYSCLK. SYSCLK 28 [31] I SYSTEM CLOCK. System clock used for internal timing of the MK50H28. SYSCLK should be as defined in the Electrical Specifications in Section 5. TD 29 [32] O TRANSMIT DATA. Transmit serial data output. DSR CTS 30 [33] IO DATA SET READY, CLEAR TO SEND. Modem Control Pin. Pin 30 is configurable through CSR5. This pin can be programmed to behave as input CTS or as programmable IO pin DSR. If configured as CTS, the MK50H28 will transmit all ones while CTS is high. RD 31 [34] I RECEIVE DATA. Received serial data input. A<23:16> 32-39 [37-43] o/3s Address bits <23:16> used in conjunction with DAL<15:00> to produce a 24 bit address. MK50H28 drives these lines only as a Bus Master. A23-A20 may be driven continuously as described in the CSR4<7> BAE bit. VSS-GND 1,24 [1,26] Ground Pins VCC 48 [52] Power Supply Pin +5.0 VDC + 5% SECTION 3 OPERATIONAL DESCRIPTION The STMicroelectronics MK50H28 Multi-Logical Link Communications Controller device is a VLSI product intended for high performance data com- munication applications requiring Frame Relay Service on Permanent Virtual Circuits. The MK50H28 will perform all frame formatting, such as: frame delimiting with flags, FCS (CRC) gen- eration and detection, and zero bit insertion and deletion for transparency. The MK50H28 also in- cludes a buffer management mechanism that al- lows the user to transmit and/or receive multiple frames for each active channel or DLCI. Con- tained in the buffer management is an on-chip dual channel DMA: one channel for receive and one channel for transmit. The MK50H28 can be used with any popular 16 or 8 bit microprocessor. A possible system con- figuration for the MK50H28 is shown in Figure 1. This document assumes that the processor has a byte addressable memory organization. The MK50H28 will move multiple blocks of re- ceive and transmit data directly in and out of memory through the Host’s bus. The MK50H28 may be operated in full or half du- plex mode. In half duplex mode the RTS and CTS modem control pins are provided. In full du- plex mode, these pins become user programma- ble I/O pins. All signal pins on the MK50H28 are TTL compat- ible. This has the advantage of making the MK50H28 independent of the physical interface. As shown in Fig. 1, line drivers and receivers are used for electrical connection to the physical layer. MK50H28 6/64 |