| Moteur de recherche de fiches techniques de composants électroniques |
|
MK50H28PLCC52 Fiches technique(PDF) 42 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
MK50H28PLCC52 Fiches technique(HTML) 42 Page - STMicroelectronics |
|
42 / 64 page ![]() BIT NAME DESCRIPTION 15 OWNA When this bit is a zero, the HOST owns this descriptor. When this bit is a one the MK50H28 owns this descriptor. The host sets the OWNA bit after filling the buffer pointed to by the descriptor entry. The MK50H28 releases the descriptor after transmitting the buffer. After the MK50H28 or the Host has relinquished ownership of a buffer, it may not change any field in the four words that comprise the descriptor entry. 14 EOR End Of Ring. Setting this bit to 1 indicates that this is the last descriptor in the ring. 13 C/R Command/Response Indication Bit. This bit determines the state of the C/R bit for the transmitted frame. 12 ELF End of Long Frame indicates that this is the last buffer used by the MK50H28 for this frame. It is used for data chaining buffers. ELF is set by the Host. When not chaining, ELF should be set to a one. 11 FECN Forward Explicit Congestion Notification Bit. This bit determines the state of the FECN bit for the transmitted frame. 10 BECN Backward Explicit Congestion Notification Bit. This bit determines the state of the BECN bit for the transmitted frame. 09 DE Discard Eligibility Bit. This bit determines the state of the DE bit for the transmitted frame. If in the CT entry TXCONG=1, any frame with DE=1 will not be transmitted, but discarded. 08 TINTD Transmit Interrupt Disable. If this bit is set, no transmit interrupt is generated when ownership of this descriptor is released back to the host. 07:00 TBADR The High Order 8 address bits of the buffer pointed to by this descriptor. This field is written by the Host and unchanged by MK50H28. 4.3.2.2 Transmit Message Descriptor 0 (TMD0) For LMI Channel 1 5 1 0 1 4 0 9 1 2 1 1 0 8 0 3 0 7 0 2 0 6 0 5 0 4 0 1 0 0 1 3 TBADR<23:16> O W N A E O R E L F T I N T D 0 Frame Type BIT NAME DESCRIPTION 15 OWNA When this bit is a zero, the HOST owns this descriptor. When this bit is a one the MK50H28 owns this descriptor. The host sets the OWNA bit after filling the buffer pointed to by the descriptor entry. The MK50H28 releases the descriptor after transmitting the buffer. After the MK50H28 or the Host has relinquished ownership of a buffer, it may not change any field in the four words that comprise the descriptor entry. 14 EOR End of Ring. Setting this bit to 1 indicates that this is the last descriptor in the ring. 13 0 Reserved. Must be written as zero 12 ELF End of Long Frame indicates that this is the last buffer used by the MK50H28 for this frame. It is used for data chaining buffers. ELF is set by the Host. When not chaining, ELF should be set to a one. MK50H28 42/64 |