Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MK50H27DIP Fiches technique(PDF) 37 Page - STMicroelectronics

No de pièce MK50H27DIP
Description  Signalling System 7 Link Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK50H27DIP Fiches technique(HTML) 37 Page - STMicroelectronics

Back Button MK50H27DIP Datasheet HTML 33Page - STMicroelectronics MK50H27DIP Datasheet HTML 34Page - STMicroelectronics MK50H27DIP Datasheet HTML 35Page - STMicroelectronics MK50H27DIP Datasheet HTML 36Page - STMicroelectronics MK50H27DIP Datasheet HTML 37Page - STMicroelectronics MK50H27DIP Datasheet HTML 38Page - STMicroelectronics MK50H27DIP Datasheet HTML 39Page - STMicroelectronics MK50H27DIP Datasheet HTML 40Page - STMicroelectronics MK50H27DIP Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 56 page
background image
4.3.2.3 Transmit Message Descriptor 2 (TMD2)
BIT
NAME
DESCRIPTION
15:00
SUL
Signal Unit Length. Only required when in the first descriptor of a
signal unit (SLF = 1) and when DACE = 0. Contains the length of the
SIF and the SIO fields of the signal unit, in octets, to be transmit-
ted. The value of this field is expressed as a positive integer.
4.3.2.4 Transmit Message Descriptor 3 (TMD3)
BIT
NAME
DESCRIPTION
15:00
MCNT
Message byte count is the length, in octets, of the data contained
in the corresponding buffer. The value of this field is expressed in
two’s complement.
1
5
1
4
1
3
0
7
0
8
1
0
1
1
1
2
0
1
0
2
0
3
0
4
0
5
0
0
0
9
0
6
MCNT<15:00>
1
5
1
4
1
3
0
7
0
8
1
0
1
1
1
2
0
1
0
2
0
3
0
4
0
5
0
0
0
9
0
6
SUL<15:00>
MK50H27
37/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56