| Moteur de recherche de fiches techniques de composants électroniques |
|
MK50H27DIP Fiches technique(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
MK50H27DIP Fiches technique(HTML) 32 Page - STMicroelectronics |
|
32 / 56 page ![]() 4.2.5 Transmit Descriptor Ring Pointer (continued) BIT NAME DESCRIPTION 15 0 Reserved, must be written as a zero. 14:12 TLEN TRANSMIT RING LENGTH is the number of entries in the Transmit Ring expressed as a power of two. TLEN Number of Entries 01 12 24 38 416 532 664 7 128 11:08 0 Reserved, must be written as a zero. 07:00/15:00 TDRA TRANSMIT DESCRIPTOR RING ADDRESS is the base address (lowest address) of the Transmit Descriptor Ring. The Transmit Descriptor Ring Address must begin on a word boundary. 4.2.6 Status Buffer Address BIT NAME DESCRIPTION 15:08 TWS TRANSMIT WINDOW SIZE is used to determine the maximum number of MSUs that can be transmitted without acknowledgement. For com- pliance with Japanese TTC JT-Q703 this value should typically be 40. For compliance with CCITT/ITU Q.703 this value should be 127. For compatibility with the original MK50H27, this field may be programmed with all zeroes, causing the MK50H27 to use a default value of 127 as did the MK50H27. 07:00/15:00 SBA STATUS BUFFER ADDRESS points to the status buffer into which link status information is placed upon the issuance of the Status Request primitive by the HOST. The status buffer must be- gin on a word boundary. 1 5 1 4 1 3 0 7 0 8 0 0 1 1 1 2 0 1 0 2 0 3 0 4 0 5 0 0 0 9 0 6 IADR + 44 IADR + 46 SBA<15:00> SBA<23:16> 0 TWS <15:08> MK50H27 32/56 |