| Moteur de recherche de fiches techniques de composants électroniques |
|
MK50H25DIP Fiches technique(PDF) 55 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
MK50H25DIP Fiches technique(HTML) 55 Page - STMicroelectronics |
|
55 / 64 page ![]() A 16-23 ALE SYSCLK BM0,1 READY DAS HLDA HOLD 25 65 26 27 40 23 23 43 44 41 42 28 22 60 61 48 48 T1 T2 T3 T4 T5 DATA ADDR DAL0-15 READ DALO DALI 29 34 33 35 45 ADDRESS 64 24 NOTES: 2. Output delay times are the maximum delay from the specifed edge to a valid output. 3. The Bus Master cycle time will increase from a minimum, in 1 SYSCLK increments until the slave device returns READY. 1. This Reduced DMA Cycle Time is selected by setting CSR2 bit 15, CYCLE = 1. Times T0 and T5 from the standard DMA Cycle are removed for this reduced timing. Figure 8a: MK50H25 Reduced Cycle BUS Master Timing (Write) (for CYCLE = 1, CSR2<15>) MK50H25 55/64 |