Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MK50H25DIP Fiches technique(PDF) 62 Page - STMicroelectronics

No de pièce MK50H25DIP
Description  HIGH SPEED LINK LEVEL CONTROLLER
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK50H25DIP Fiches technique(HTML) 62 Page - STMicroelectronics

Back Button MK50H25DIP Datasheet HTML 56Page - STMicroelectronics MK50H25DIP Datasheet HTML 57Page - STMicroelectronics MK50H25DIP Datasheet HTML 58Page - STMicroelectronics MK50H25DIP Datasheet HTML 59Page - STMicroelectronics MK50H25DIP Datasheet HTML 60Page - STMicroelectronics MK50H25DIP Datasheet HTML 61Page - STMicroelectronics MK50H25DIP Datasheet HTML 62Page - STMicroelectronics MK50H25DIP Datasheet HTML 63Page - STMicroelectronics MK50H25DIP Datasheet HTML 64Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 62 / 64 page
background image
PLCC84 PACKAGE MECHANICAL DATA
See following page for PLCC84 pin description
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
4.20
5.08
0.165
0.20
A1
0.51
0.020
A3
2.29
3.30
0.090
0.13
B
0.33
0.53
0.013
0.021
B1
0.66
0.81
0.026
0.032
C
0.25
0.01
D
30.10
30.35
1.185
1.195
D1
29.21
29.41
1.150
1.158
D2
27.69
28.70
1.090
1.130
D3
25.40
1.00
E
30.10
30.35
1.185
1.195
E1
29.21
29.41
1.150
1.158
E2
27.69
28.70
1.090
1.130
E3
25.40
1.00
e
1.27
0.05
L
0.64
0.025
L1
1.53
0.060
M
1.07
1.22
0.042
0.048
M1
1.07
1.42
0.042
0.056
MK50H25
62/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64