Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MK50H25 Fiches technique(PDF) 52 Page - STMicroelectronics

No de pièce MK50H25
Description  HIGH SPEED LINK LEVEL CONTROLLER
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK50H25 Fiches technique(HTML) 52 Page - STMicroelectronics

Back Button MK50H25 Datasheet HTML 48Page - STMicroelectronics MK50H25 Datasheet HTML 49Page - STMicroelectronics MK50H25 Datasheet HTML 50Page - STMicroelectronics MK50H25 Datasheet HTML 51Page - STMicroelectronics MK50H25 Datasheet HTML 52Page - STMicroelectronics MK50H25 Datasheet HTML 53Page - STMicroelectronics MK50H25 Datasheet HTML 54Page - STMicroelectronics MK50H25 Datasheet HTML 55Page - STMicroelectronics MK50H25 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 64 page
background image
A 16-23
ALE
SYSCLK
ADDRESS
BM0,1
READY
DAS
HLDA
HOLD
NOTES:
2. Output delay times are the maximum delay from the specifed edge to a valid output.
3. The Bus Master cycle time will increase from a minimum, in 1 SYSCLK increments
until the slave device returns READY.
64
24
25
65
26
27
40
23
23
43
44
41
42
28
22
60
61
T0
T1
T2
T 3
T4
T5
T6
DAL0-15
READ
DALO
DALI
29
30
50
32
45
DATA IN
ADDR
31
49
48
47
46
48
1. The shaded SYSCLK periods T0 and T5 will be removed when setting CSR2 bit 15,
CYCLE =1 to select the shorter DMA cycle as shown in Figure 7a.
Figure 7: MK50H25 BUS Master Timing (Read) (for CYCLE = 0, CSR2<15>)
MK50H25
52/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64