Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MK50H25 Fiches technique(PDF) 32 Page - STMicroelectronics

No de pièce MK50H25
Description  HIGH SPEED LINK LEVEL CONTROLLER
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK50H25 Fiches technique(HTML) 32 Page - STMicroelectronics

Back Button MK50H25 Datasheet HTML 28Page - STMicroelectronics MK50H25 Datasheet HTML 29Page - STMicroelectronics MK50H25 Datasheet HTML 30Page - STMicroelectronics MK50H25 Datasheet HTML 31Page - STMicroelectronics MK50H25 Datasheet HTML 32Page - STMicroelectronics MK50H25 Datasheet HTML 33Page - STMicroelectronics MK50H25 Datasheet HTML 34Page - STMicroelectronics MK50H25 Datasheet HTML 35Page - STMicroelectronics MK50H25 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 64 page
background image
TP
TRANSMIT POLLING TIMER. This scaled timer determines the length of time between
polls of the Transmit Descriptor Ring to determine if there is a frame awaiting transmis-
sion (i.e. OWNA bit has been set plus other appropriate information placed in the current
Transmit Descriptor). Unless TDMD (see CSR0) is set, or a frame is received (in proto-
col mode) on the link, no attempt is made to transmit a frame in the Transmit Descriptor
Ring until TP expires. At TP expiration all frames available in the Transmit Descriptor
Ring will be sent. This field must contain the two’s complement of the period of timer
TP.
MK50H25
32/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64