Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FE2.1 Fiches technique(PDF) 16 Page - Terminus Technology Inc.

No de pièce FE2.1
Description  USB 2.0 HIGH SPEED 7-PORT HUB CONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TERMINUS [Terminus Technology Inc.]
Site Internet  https://www.terminus.com.tw/en/home.html
Logo TERMINUS - Terminus Technology Inc.

FE2.1 Fiches technique(HTML) 16 Page - Terminus Technology Inc.

Back Button FE2.1 Datasheet HTML 12Page - Terminus Technology Inc. FE2.1 Datasheet HTML 13Page - Terminus Technology Inc. FE2.1 Datasheet HTML 14Page - Terminus Technology Inc. FE2.1 Datasheet HTML 15Page - Terminus Technology Inc. FE2.1 Datasheet HTML 16Page - Terminus Technology Inc. FE2.1 Datasheet HTML 17Page - Terminus Technology Inc. FE2.1 Datasheet HTML 18Page - Terminus Technology Inc. FE2.1 Datasheet HTML 19Page - Terminus Technology Inc. FE2.1 Datasheet HTML 20Page - Terminus Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
USB 2.0 7-Port Hub
Data Sheet Rev. 1.01
The first two bytes are the check code for the existence of EEPROM, their value must be 0x1A40. Any
other value would cause the EEPROM loading mechanism of FE2.1 to conclude that the contents of this
EEPROM is unusable, and use default values instead.
The string descriptor for device's serial number could be defined by Device Serial Number and Length
of Serial Number fields of the EEPROM, address 0x08 to 0x18. Length of Serial Number field, address
0x18, define the number of digits, while Device Serial Number field, address 0x08 to 0x17, specify the
serial number in ASCII code. The space after the specified number of digits should be filled with Null,
0x00. For example, suppose the serial number is “A090108F4”, then the EEPROM should be like:
0x08
0x41 (A) 0x30 (0)
0x39 (9)
0x30 (0)
0x31 (1)
0x30 (0)
0x38 (8)
0x46 (F)
0x10
0x34 (4)
0x00 (Null) 0x00 (Null) 0x00 (Null) 0x00 (Null) 0x00 (Null) 0x00 (Null) 0x00 (Null)
0x18
0x09
The last byte, address 0x1F, is a checksum made up of the sum of all value from 0x00 to 0x1E. The
numbers must match to render the contents of the EEPROM usable. Otherwise, the loading mechanism
of FE2.1 would discard the value from EEPROM and use default values instead.
Jul. 16, 2009
Subject to Change Without Notice
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20