Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FE2.1 Fiches technique(PDF) 11 Page - Terminus Technology Inc.

No de pièce FE2.1
Description  USB 2.0 HIGH SPEED 7-PORT HUB CONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TERMINUS [Terminus Technology Inc.]
Site Internet  https://www.terminus.com.tw/en/home.html
Logo TERMINUS - Terminus Technology Inc.

FE2.1 Fiches technique(HTML) 11 Page - Terminus Technology Inc.

Back Button FE2.1 Datasheet HTML 7Page - Terminus Technology Inc. FE2.1 Datasheet HTML 8Page - Terminus Technology Inc. FE2.1 Datasheet HTML 9Page - Terminus Technology Inc. FE2.1 Datasheet HTML 10Page - Terminus Technology Inc. FE2.1 Datasheet HTML 11Page - Terminus Technology Inc. FE2.1 Datasheet HTML 12Page - Terminus Technology Inc. FE2.1 Datasheet HTML 13Page - Terminus Technology Inc. FE2.1 Datasheet HTML 14Page - Terminus Technology Inc. FE2.1 Datasheet HTML 15Page - Terminus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
USB 2.0 7-Port Hub
Data Sheet Rev. 1.01
Figure 5 depicts an example that enable 5 downstream facing ports only, with port 3 and 2 as non-
removable device. As shown, the LED[4] is connected to the LED's, LED[2] left floating, and LED[3]
tied to ground, so that the FE2.1 would recognize that port 3 and 2 are non-removable devices. The
LED[6] is tied to ground and LED[7] left floating, thus the FE2.1 will report to system that only 5 ports
are available in this hub.
If the external EEPROM is not required, the TESTJ should be left floating. If the Hub Active Indicator
is not required, the LED and its serial resister should be removed together. If the port status LED's are
not required, LED[5:4, 1] could be all left floating with all their related Green/Amber LED's and
resisters removed.
Jul. 16, 2009
Subject to Change Without Notice
11
Fig. 5: LED Board Configuration Example
TESTJ
DRV
FE2.1
Hub Active Indicator
SDA
SCL
A0
A1
A2
EEPROM
LED[1]
LED[2]
Port 1 Indicators
Green
Amber
LED[3]
LED[4]
Green
Amber
Port 4 Indicators
LED[5]
LED[6]
Port 5 Indicators
Green
Amber
LED[7]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20