Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2N2484UB Fiches technique(PDF) 17 Page - STMicroelectronics

No de pièce 2N2484UB
Description  SEMICONDUCTOR DEVICE, TRANSISTOR, NPN, SILICON, LOW-POWER TYPES 2N2484, 2N2484UA, 2N2484UB, JAN, JANTX, JANTXV, JANS, JANHC, AND JANKC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N2484UB Fiches technique(HTML) 17 Page - STMicroelectronics

Back Button 2N2484UB Datasheet HTML 11Page - STMicroelectronics 2N2484UB Datasheet HTML 12Page - STMicroelectronics 2N2484UB Datasheet HTML 13Page - STMicroelectronics 2N2484UB Datasheet HTML 14Page - STMicroelectronics 2N2484UB Datasheet HTML 15Page - STMicroelectronics 2N2484UB Datasheet HTML 16Page - STMicroelectronics 2N2484UB Datasheet HTML 17Page - STMicroelectronics 2N2484UB Datasheet HTML 18Page - STMicroelectronics 2N2484UB Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
MIL-PRF-19500/376E
17
5. PACKAGING
5.1 Packaging. For acquisition purposes, the packaging requirements shall be as specified in the contract or
order (see 6.2). When actual packaging of materiel is to be performed by DoD personnel, these personnel need to
contact the responsible packaging activity to ascertain requisite packaging requirements. Packaging requirements
are maintained by the Inventory Control Points' packaging activity within the Military Department or Defense
Agency, or within the Military Departments' System Command. Packaging data retrieval is available from the
managing Military Departments' or Defense Agency's automated packaging files, CD-ROM products, or by
contacting the responsible packaging activity.
6. NOTES
(This section contains information of a general or explanatory nature that may be helpful, but is not mandatory.)
6.1 Intended use. The notes specified in MIL-PRF-19500 are applicable to this specification.
6.2 Acquisition requirements. Acquisition documents should specify the following:
a.
Title, number, and date of this specification.
b.
Issue of DoDISS to be cited in the solicitation, and if required, the specific issue of individual documents
referenced (see 2.2.1).
c.
Lead formation and finish may be specified (see 3.4.1).
d.
Type designation and product assurance level.
e.
Packaging requirements (see 5.1).
6.3 Qualification. With respect to products requiring qualification, awards will be made only for products which
are, at the time of award of contract, qualified for inclusion in Qualified Manufacturers List QML-19500 whether or
not such products have actually been so listed by that date. The attention of the contractors is called to these
requirements, and manufacturers are urged to arrange to have the products that they propose to offer to the Federal
Government tested for qualification in order that they may be eligible to be awarded contracts or orders for the
products covered by this specification. Information pertaining to qualification of products may be obtained from
Defense Supply Center, Columbus, ATTN: DSCC-VQE, P.O. Box 3990, Columbus, OH 43216-5000.
6.4 Suppliers of JANHC die. The qualified JANHC suppliers with the applicable letter version (example
JANHCA1N645-1) will be identified on the QML.
JANC ordering information
PIN
Manufacturer
43611
34156
2N2484
JANHCA2N2484
JANHCB2N2484
JANKCA2N2484
JANKCB2N2484
6.5 Changes from previous issue. Marginal notations are not used in this revision to identify changes with
respect to the previous issue due to the extensiveness of the changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19