Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2N2484UB Fiches technique(PDF) 15 Page - STMicroelectronics

No de pièce 2N2484UB
Description  SEMICONDUCTOR DEVICE, TRANSISTOR, NPN, SILICON, LOW-POWER TYPES 2N2484, 2N2484UA, 2N2484UB, JAN, JANTX, JANTXV, JANS, JANHC, AND JANKC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N2484UB Fiches technique(HTML) 15 Page - STMicroelectronics

Back Button 2N2484UB Datasheet HTML 11Page - STMicroelectronics 2N2484UB Datasheet HTML 12Page - STMicroelectronics 2N2484UB Datasheet HTML 13Page - STMicroelectronics 2N2484UB Datasheet HTML 14Page - STMicroelectronics 2N2484UB Datasheet HTML 15Page - STMicroelectronics 2N2484UB Datasheet HTML 16Page - STMicroelectronics 2N2484UB Datasheet HTML 17Page - STMicroelectronics 2N2484UB Datasheet HTML 18Page - STMicroelectronics 2N2484UB Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
MIL-PRF-19500/376E
15
TABLE II. Group E inspection (all quality levels) - For qualification only.
Inspection
MIL-STD-750
Qualification
Method
Conditions
Subgroup 1
Temperature cycling
(air to air)
Hermetic seal
Fine leak
Gross leak
Electrical measurements
Subgroup 2
Intermittent life
Electrical measurements
Subgroup 3
Not applicable
Subgroup 4
Not applicable
Subgroup 5
Not applicable
1051
1071
1037
Test condition C, 500 cycles
See group A, subgroup 2 and table III herein.
Intermittent operation life: VCB = 10 V dc ,
6,000 cycles.
See group A, subgroup 2 and table III herein.
12 devices
c = 0
45 devices
c = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19