| Moteur de recherche de fiches techniques de composants électroniques |
|
HS1 Fiches technique(PDF) 14 Page - Clarke International |
|
|
|||||||||||||||||||||||||||||
HS1 Fiches technique(HTML) 14 Page - Clarke International |
|
14 / 32 page ![]() 14 Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com PREPARATION FOR USE ASSEMBLING THE WELDING SHIELD 1. The welding shield is supplied flat for shipping. Fold the sides of the shield around and clip to the top panel. 2. Insert both the glass lens panels into the recess inside the shield. • The clear glass must be fitted first to face the outside. 3. Insert the two plastic screws and use the plastic wingnuts to clamp the glass panels to the shield. • The clear glass should be replaced if it becomes badly pitted. 4. Secure the handle in position using the plastic nuts provided. • The handle will be on the inside of the shield. When replacing the glass panels, only use parts supplied by Clarke International. The dark panel is a certified, optical glass and should not be exchanged for any other type. |