Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HS1 Fiches technique(PDF) 9 Page - Clarke International

No de pièce HS1
Description  NO GAS/GAS MIG WELDER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CLARKE [Clarke International]
Site Internet  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

HS1 Fiches technique(HTML) 9 Page - Clarke International

Back Button HS1 Datasheet HTML 5Page - Clarke International HS1 Datasheet HTML 6Page - Clarke International HS1 Datasheet HTML 7Page - Clarke International HS1 Datasheet HTML 8Page - Clarke International HS1 Datasheet HTML 9Page - Clarke International HS1 Datasheet HTML 10Page - Clarke International HS1 Datasheet HTML 11Page - Clarke International HS1 Datasheet HTML 12Page - Clarke International HS1 Datasheet HTML 13Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
9
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
9. The MIG welding process uses an INERT gas to protect the weld pool. It is
important to ensure the appropriate gas is being used. NEVER use gas from
a cylinder, the content of which is unknown.
NEVER
a. Use a damaged cylinder.
b. Lift the cylinder by the valve.
c. Expose the cylinder to a heat source or sparks.
10. NEVER use or store in a damp environment. DO NOT EXPOSE TO RAIN.
11. ALWAYS keep a fire extinguisher handy. (Dry Powder, C02 or BCF, NOT
Water)
12. NEVER attempt any electrical or mechanical repair unless your are a
qualified technician. If you have a problem with the machine contact your
local CLARKE dealer.
13. NEVER continue to weld, if, at any time, you feel even the smallest electric
shock. Stop welding IMMEDIATELY and DO NOT attempt to use the
machine until the fault is diagnosed and corrected.
14. NEVER point the MIG torch at any person or animal.
15. NEVER touch the MIG torch nozzle until the welder is switched OFF and the
nozzle has been allowed to cool.
16. NEVER connect, disconnect, or attempt to service the welding torch, until
the machine is switched OFF and disconnected from the power supply.
17. NEVER allow the earth cable or torch hose to become wrapped around
the operator or any person in the vicinity.
A comprehensive range of CLARKE safety equipment for use when welding is
available from your local dealer.
Consideration should be given to shielding the supply cable of permanently
installed welding equipment, in metallic conduit or equivalent. Shielding
should be electrically continuous throughout its length.
The shielding should be connected to the welding power source so that good
electrical contact is maintained between the conduit and the welding power
source enclosure.
The welding equipment should be maintained according to the
manufacturer’s recommendations. All access and service doors and covers
should be closed and properly fastened when the equipment is in operation.
The welding equipment should not be modified in any way except for those
changes and adjustments covered in the manufacturer’s instructions. In
particular, the spark gaps of arc striking and stabilizing devices should be
adjusted and maintained according to the manufacturers recommendations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32