| Moteur de recherche de fiches techniques de composants électroniques |
|
PAPR2 Fiches technique(PDF) 16 Page - Clarke International |
|
|
|||||||||||||||||||||||||||||
PAPR2 Fiches technique(HTML) 16 Page - Clarke International |
|
16 / 24 page ![]() 16 Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com SENSITIVITY CONTROL The sensitivity can be set from MIN to MAX by using the dial knob. The MIN setting suits excess ambient light or with another welding machine close by. The MAX setting suits low amperage welding and welding in areas with low light conditions, especially low amperage argon arc welding. Selections between MIN and MAX are suitable for most of indoor and outdoor welding operations. DELAY CONTROL When welding ceases, the viewing window automatically changes from dark back to light but with a pre-set delay to compensate. The delay time can be set from FAST (0.1 sec) to SLOW (1.0 sec), using the dial knob. The minimum delay suits spot or short welds. The maximum delay suits heavy current welding and reduces eye fatigue from the arc. Selections between SLOW - MIDDLE are suitable for most of indoor and outdoor welding operations. |