| Moteur de recherche de fiches techniques de composants électroniques |
|
PAPR2 Fiches technique(PDF) 6 Page - Clarke International |
|
|
|||||||||||||||||||||||||||||
PAPR2 Fiches technique(HTML) 6 Page - Clarke International |
|
6 / 24 page ![]() 6 Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com 20. Dangerous contaminants may not smell or be visible. Leave the area immediately if you notice the following: • Breathing becomes difficult. • You experience dizziness, impaired vision, or eye nose, or mouth irritation. • The powered air purifying respirator alarm sounds. • The equipment is damaged. • Air flow decreases or stops. • If you think the equipment is not supplying adequate protection. 21. DO NOT remove the equipment until you are in a safe area. 22. DO NOT repair, modify, or disassemble the powered air purifying respirator or use with parts or accessories not supplied by the manufacturer. Use only those components that are part of the approved assembly. 23. Replace damaged or clogged filters. DO NOT wash or reuse filters. Do not clean filters by tapping or with compressed air or filter elements may be damaged. Dispose of used filter elements according to local, state, and federal requirements. 24. The powered air purifying respirator must be used with the helmet, hood, and filters recommended by the manufacturer to provide a respirator system. See the label on the blower for information on the required equipment. 25. DO NOT use the powered air purifying respirator belt or shoulder straps (if equipped) as a safety harness. FURTHER IMPORTANT WARNINGS 1. This product helps protect against certain airborne contaminants 2. DO NOT use in flammable or explosive atmospheres. Doing so may result in serious injury or death 3. ALWAYS correctly use and maintain the filter assembly. Failure to do so may reduce respirator performance, over-expose you to contaminants, and may result in sickness or death. a. Inspect filter and bottom gasket before first installation of a filter, replace if damaged. b. ALWAYS properly install the filter into the blower unit c. Keep the bottom sealing gasket dean. d. NEVER attempt to clean the filter by knocking or blowing out accumulated material. Doing so will damage the filter media. 4. Failure to follow these User Instructions may reduce respirator performance and expose you to contaminants. |