Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R7KA8D2AFDCAC Fiches technique(PDF) 2 Page - Renesas Technology Corp

No de pièce R7KA8D2AFDCAC
Description  Renesas Microcontrollers
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8D2AFDCAC Fiches technique(HTML) 2 Page - Renesas Technology Corp

  R7KA8D2AFDCAC Datasheet HTML 1Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 2Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 3Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 4Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 5Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 6Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 7Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 8Page - Renesas Technology Corp R7KA8D2AFDCAC Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 292 page
background image
1.
Overview
The MCU integrates multiple series of software-compatible Arm®-based 32-bit cores that share a common set of Renesas
peripherals to facilitate design scalability and efficient platform-based product development.
The MCU in this series incorporates a high-performance Arm® Cortex®-M85 core running up to 1 GHz and Arm®
Cortex®-M33 core running up to 250 MHz with the following features:
● Up to 1 MB MRAM
● 2 MB SRAM (256 KB of CM85 TCM RAM, 128 KB CM33 TCM RAM, 1664 KB of user SRAM)
● Octal Serial Peripheral Interface (OSPI)
● Layer 3 Ethernet Switch Module (ESWM), USBFS, USBHS, SD/MMC Host Interface
● Graphics LCD Controller (GLCDC)
● 2D Drawing Engine (DRW)
● MIPI DSI/CSI interface
● Analog peripherals
● Security and safety features
1.1
Function Outline
Table 1.1
Arm core
Feature
Functional description
Arm® Cortex®-M85 core
● Maximum operating frequency: up to 1 GHz
● Arm® Cortex®-M85 core
– Revision: (r1p1-00rel0)
– ARMv8.1-M architecture profile
– Armv8-M Security Extension
– Floating Point Unit (FPU) compliant with the ANSI/IEEE Std 754-2008
Scalar half, single, and double-precision floating-point operation
– M-profile Vector Extension (MVE)
Integer, half-precision, and single-precision floating-point MVE (MVE-F)
● Arm® Memory Protection Unit (Arm MPU)
– Protected Memory System Architecture (PMSAv8)
– Secure MPU (MPU_S): 8 regions
– Non-secure MPU (MPU_NS): 8 regions
● SysTick timer
– Embeds two Systick timers: Secure instance (SysTick_S) and Non-secure instance
(SysTick_NS)
– Driven by CPUCLK0 or MOCO divided by 8
● CoreSight™ ETM-M85
Arm® Cortex®-M33 core
● Maximum operating frequency: up to 250 MHz
● Arm® Cortex®-M33 core
– Revision: (r0p4-00rel2)
– ARMv8-M architecture profile
– Armv8-M Security Extension
– Armv8-DSP Extension
– Floating Point Unit (FPU) compliant with the ANSI/IEEE Std 754-2008 single-precision
floating-point operation
● Arm® Memory Protection Unit (Arm MPU)
– Protected Memory System Architecture (PMSAv8)
– Secure MPU (MPU_S): 8 regions
– Non-secure MPU (MPU_NS): 8 regions
● SysTick timer
– Embeds two Systick timers: Secure instance (SysTick_S) and Non-secure instance
(SysTick_NS)
– Driven by CPUCLK1 or MOCO divided by 8
● CoreSight™ ETM-M33
RA8D2 Datasheet
1. Overview
R01DS0493EJ0130 Rev.1.30
Feb 27, 2026
Page 2 of 292



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com