Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R7KA8D2AFDCAB Fiches technique(PDF) 1 Page - Renesas Technology Corp

No de pièce R7KA8D2AFDCAB
Description  Renesas Microcontrollers
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8D2AFDCAB Fiches technique(HTML) 1 Page - Renesas Technology Corp

  R7KA8D2AFDCAB Datasheet HTML 1Page - Renesas Technology Corp R7KA8D2AFDCAB Datasheet HTML 2Page - Renesas Technology Corp R7KA8D2AFDCAB Datasheet HTML 3Page - Renesas Technology Corp R7KA8D2AFDCAB Datasheet HTML 4Page - Renesas Technology Corp R7KA8D2AFDCAB Datasheet HTML 5Page - Renesas Technology Corp R7KA8D2AFDCAB Datasheet HTML 6Page - Renesas Technology Corp R7KA8D2AFDCAB Datasheet HTML 7Page - Renesas Technology Corp R7KA8D2AFDCAB Datasheet HTML 8Page - Renesas Technology Corp R7KA8D2AFDCAB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 292 page
background image
RA8D2 Group
Renesas Microcontrollers
High-performance 1 GHz Arm® Cortex®-M85 core, 250 MHz Arm® Cortex®-M33 core, up to 1 MB code MRAM, and 2
MB SRAM with ECC. High-integration with Layer 3 Ethernet Switch Module, USB 2.0 High-Speed, CANFD, SDHI, I3C,
Octal SPI, Decryption on-the-fly, Graphics LCD Controller, 2D Drawing Engine, MIPI DSI/CSI, and advanced analog.
Integrated Renesas Security IP with cryptography accelerators, key management support, tamper detection and power
analysis resistance in concert with Arm® TrustZone for integrated Secure element functionality.
Features
R01DS0493EJ0130
Rev.1.30
Feb 27, 2026
■ Arm® Cortex®-M85 Core
● Armv8.1-M architecture profile
● Armv8-M Security Extension
● Maximum operating frequency: 1 GHz
● Memory Protection Unit (Arm MPU)
– Protected Memory System Architecture (PMSAv8)
– Secure MPU (MPU_S): 8 regions
– Non-secure MPU (MPU_NS): 8 regions
● SysTick timer
– Embeds two Systick timers: Secure and Non-secure instance
– Driven by CPUCLK0 or MOCO divided by 8
● CoreSight™ ETM-M85
■ Arm® Cortex®-M33 core
● Armv8-M architecture profile
● Armv8-M Security Extension
● Maximum operating frequency: 250 MHz
● Memory Protection Unit (Arm MPU)
– Protected Memory System Architecture (PMSAv8)
– Secure MPU (MPU_S): 8 regions
– Non-secure MPU (MPU_NS): 8 regions
● SysTick timer
– Embeds two Systick timers: Secure and Non-secure instance
– Driven by CPUCLK1 or MOCO divided by 8
● CoreSight™ ETM-M33
■ Memory
● Up to 1-MB MRAM
● 2 MB SRAM including 256 KB of CM85 TCM and 128 KB of
CM33 TCM
● Up to 8-MB Flash for SiP product
■ Connectivity
● Serial Communications Interface (SCI) × 10, up to 60 Mbps
● I2C bus interface (IIC) × 3
● I3C bus interface (I3C)
● Serial Peripheral Interface (SPI) × 2, up to 166 Mbps
● Octal Serial Peripheral Interface (OSPI) × 2, up to 333 MB/s
● USB 2.0 Full-Speed Module (USBFS)
● USB 2.0 High-Speed Module (USBHS)
● CAN with Flexible Data-rate (CANFD) × 2
● Layer 3 Ethernet Switch Module (ESWM)
– 2 × Gigabit Ethernet
● SD/MMC Host Interface (SDHI) × 2
● Serial Sound Interface Enhanced (SSIE) × 2
● Pulse Density Modulation Interface (PDMIF)
■ Analog
● 16-bit A/D Converter (ADC16H) × 2, up to 23 channels
● 12-bit D/A Converter (DAC12) × 2
● High-Speed Analog Comparator (ACMPHS) × 4
● Temperature Sensor (TSN)
■ Timers
● General PWM Timer 32-bit (GPT32) with High Resolution × 4
– 52 ps resolution in 300 MHz
● General PWM Timer 32-bit (GPT32) × 10
● Low Power Asynchronous General Purpose Timer (AGT) × 2
● Ultra-Low-Power Timer (ULPT) × 2
■ Security and Encryption
● Renesas Security IP (RSIP-E50D)
● Arm® TrustZone®
● Privileged control
● Device lifecyle management
● Secure boot
– Immutable first stage boot loader in OTP
● Decryption on-the-fly (DOTF)
● Pin function
– Up to three tamper-resistant pins
– Secure pin multiplexing
● HUK zeroization
■ System and Power Management
● Low power modes
● Battery backup function (VBATT)
● Realtime Clock (RTC) with calendar and VBATT support
● Event Link Controller (ELC)
● Data Transfer Controller (DTC) × 2
● DMA Controller (DMAC) × 16
● Power-on reset
● Programable Voltage Detection (PVD) with voltage settings
● Watchdog Timer (WDT) × 2
● Independent Watchdog Timer (IWDT)
■ Human Machine Interface (HMI)
● Graphics LCD Controller (GLCDC)
● 2D Drawing Engine (DRW)
● Capture Engine Unit (CEU)
● MIPI DSI/CSI
■ Multiple Clock Sources
● Main clock oscillator (MOSC) (8 to 48 MHz)
● Sub-clock oscillator (SOSC) (32.768 kHz)
● High-speed on-chip oscillator (HOCO) (16/18/20/32/48 MHz)
● Middle-speed on-chip oscillator (MOCO) (8 MHz)
● Low-speed on-chip oscillator (LOCO) (32.768 kHz)
● Clock trim function for HOCO/MOCO/LOCO
● PLL1/PLL2
● Clock out support
■ General-Purpose I/O Ports
● 5-V tolerance, open drain, input pull-up, switchable driving ability
■ Operating Voltage
● Standard product
– VCC/VCC2: 1.62 to 3.63 V
● SiP product
– VCC/VCC2: 1.62 to 3.63 V/1.70 to 2.00 V
■ Operating Junction Temperature and Packages
● Tj = 0 °C to +95 °C
– 289-pin BGA (12 mm × 12 mm, 0.65 mm pitch)
– 224-pin BGA (11 mm × 11 mm, 0.65 mm pitch)
– 303-pin BGA (15 mm × 15 mm, 0.8 mm pitch)
● Tj = -40 °C to +105 °C
– 289-pin BGA (12 mm × 12 mm, 0.65 mm pitch)
– 224-pin BGA (11 mm × 11 mm, 0.65 mm pitch)
– 303-pin BGA (15 mm × 15 mm, 0.8 mm pitch)
Datasheet
R01DS0493EJ0130 Rev.1.30
Feb 27, 2026
Page 1 of 292


Numéro de pièce similaire - R7KA8D2AFDCAB

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
R7KA8M2ADDCAB RENESAS-R7KA8M2ADDCAB Datasheet
5Mb / 295P
Renesas Microcontrollers
Rev.1.30 Feb 27, 2026
R7KA8M2ADDCAC RENESAS-R7KA8M2ADDCAC Datasheet
5Mb / 295P
Renesas Microcontrollers
Rev.1.30 Feb 27, 2026
R7KA8M2ADECAB RENESAS-R7KA8M2ADECAB Datasheet
5Mb / 295P
Renesas Microcontrollers
Rev.1.30 Feb 27, 2026
R7KA8M2ADECAC RENESAS-R7KA8M2ADECAC Datasheet
5Mb / 295P
Renesas Microcontrollers
Rev.1.30 Feb 27, 2026
R7KA8M2ADECHC RENESAS-R7KA8M2ADECHC Datasheet
5Mb / 295P
Renesas Microcontrollers
Rev.1.30 Feb 27, 2026
More results

Description similaire - R7KA8D2AFDCAB

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
16C6N4 RENESAS-16C6N4 Datasheet
687Kb / 92P
Renesas MCU
R32C111 RENESAS-R32C111 Datasheet
974Kb / 84P
RENESAS MCU
UPD70F3741GC RENESAS-UPD70F3741GC Datasheet
10Mb / 889P
RENESAS MCU V850ES/JG3 Microcontrollers
UPD70F3786GJ-GAE-AX RENESAS-UPD70F3786GJ-GAE-AX Datasheet
9Mb / 1817P
RENESAS MCU V850ES/Jx3-E Microcontrollers
UPD70F3793GC-UEU-AX RENESAS-UPD70F3793GC-UEU-AX Datasheet
6Mb / 1113P
RENESAS MCU V850ES/Jx3-L Microcontrollers
RA6T2 RENESAS-RA6T2 Datasheet
1Mb / 93P
Renesas Microcontrollers
Mar 31, 2022
R01DS0410EJ0110 RENESAS-R01DS0410EJ0110 Datasheet
1Mb / 92P
Renesas Microcontrollers
Feb 28, 2023
R01DS0413EJ0110 RENESAS-R01DS0413EJ0110 Datasheet
2Mb / 90P
Renesas Microcontrollers
Feb 28, 2023
RA4E2 RENESAS-RA4E2 Datasheet
2Mb / 90P
Renesas Microcontrollers
Feb 28, 2023
RA6E2 RENESAS-RA6E2 Datasheet
1Mb / 92P
Renesas Microcontrollers
Feb 28, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com