Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R7KA8D2AFDCAB Fiches technique(PDF) 73 Page - Renesas Technology Corp

No de pièce R7KA8D2AFDCAB
Description  Renesas Microcontrollers
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8D2AFDCAB Fiches technique(HTML) 73 Page - Renesas Technology Corp

Back Button R7KA8D2AFDCAB Datasheet HTML 69Page - Renesas Technology Corp R7KA8D2AFDCAB Datasheet HTML 70Page - Renesas Technology Corp R7KA8D2AFDCAB Datasheet HTML 71Page - Renesas Technology Corp R7KA8D2AFDCAB Datasheet HTML 72Page - Renesas Technology Corp R7KA8D2AFDCAB Datasheet HTML 73Page - Renesas Technology Corp R7KA8D2AFDCAB Datasheet HTML 74Page - Renesas Technology Corp R7KA8D2AFDCAB Datasheet HTML 75Page - Renesas Technology Corp R7KA8D2AFDCAB Datasheet HTML 76Page - Renesas Technology Corp R7KA8D2AFDCAB Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 292 page
background image
Table 2.32
Current increase during BGO operation (Programing of MRAM OTP) (DCDC mode and External VDD
mode)
Parameter
Symbol
Typ
Max
Unit
Test conditions
95 °C
105 °C
Supply current*1
normal speed write
mode
ICC
—
—
20
mA
VCC ≥ 1.62V
IDD
—
—
0.50
high speed write mode
0
ICC
—
—
25
VCC ≥ 2.5V
IDD
—
—
0.5
high speed write mode
1
ICC
—
—
80
VCC ≥ 3.0V
IDD
—
—
0.5
Note 1. Supply current values are with all output pins unloaded and all input pull-up MOSs in the off state.
RA8D2 Datasheet
2. Electrical Characteristics
R01DS0493EJ0130 Rev.1.30
Feb 27, 2026
Page 73 of 292



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com