| Moteur de recherche de fiches techniques de composants électroniques |
|
RZ/A3M Fiches technique(PDF) 13 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RZ/A3M Fiches technique(HTML) 13 Page - Renesas Technology Corp |
|
13 / 53 page ![]() RZ/A3M Group Datasheet Section 3. Electrical Characteristics R01DS0482EJ0110 Rev.1.10 Page 13 of 53 Mar 31, 2025 3.2 Power Supply Table 3.2 Power Supply Item Symbol Min. Typ. Max. Unit Remarks Power supply voltage (3.3 V) PVDD 2.97 3.30 3.63 V — Power supply voltage (1.8 V) VDD18 1.62 1.80 1.98 V — JTAG_PVDD 1.62 1.80 1.98 V — OTP_VDD18 1.65 1.80 1.95 V — Power supply voltage (1.1 V) VDD 1.05 1.10 1.15 V — Power supply voltage (USB) USB_VDD33 3.00 3.30 3.60 V — USB_VDD18 1.65 1.80 1.95 V — Power supply voltage (SD) SD0_PVDD 2.97 3.30 3.63 V When 3.3 V is supplied 1.70 1.80 1.95 V When 1.8 V is supplied Power supply voltage (SPI) SPI_PVDD 2.97 3.30 3.63 V When 3.3 V is supplied 1.70 1.80 1.95 V When 1.8 V is supplied Power supply voltage (DSI) DSI_VDD18 1.65 1.80 1.95 V — Power supply voltage (DDR3L) DDR_VDDQ1, 1.283 1.35 1.45 V DDR_VDDQ2 Power supply voltage (PLL) PLL1_AVDD18, PLL23_AVDD18, PLL4_AVDD18, PLL5_AVDD18 1.62 1.80 1.98 V — PLL23_DVDD11, PLL5_DVDD11 1.05 1.10 1.15 V — |