| Moteur de recherche de fiches techniques de composants électroniques |
|
RZ/A3M Fiches technique(PDF) 39 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RZ/A3M Fiches technique(HTML) 39 Page - Renesas Technology Corp |
|
39 / 53 page ![]() RZ/A3M Group Datasheet Section 3. Electrical Characteristics R01DS0482EJ0110 Rev.1.10 Page 39 of 53 Mar 31, 2025 3.5.11 I2C Bus Interface Access Timing Table 3.27 I2C Bus Interface Timing Standard Mode (Sm) Fast Mode (Fm) Fast Mode Plus (Fm+) Item Symbol I/O Min. Max. Min. Max. Min. Max. Unit SCL clock frequency fCLK I/O 0 100 0 400 0 1000 kHz Bus free time (between stop and start condition) tBUF I/O 4.7 — 1.3 — 0.5 — μs Hold time*1 tHD:STA I/O 4.0 — 0.6 — 0.26 — μs Low period of SCL clock tLOW I/O 4.7 — 1.3 — 0.5 — μs High period of SCL clock tHIGH I/O 4.0 — 0.6 — 0.26 — μs Setup time for start / restart condition tSU:STA I/O 4.7 — 0.6 — 0.26 — μs Data hold time (I2C bus device) tHD:DAT I/O 0*2 — 0*2 — 0 — μs Data setup time tSU:DAT I/O 250 — 100*3 — 50 — ns SDA and SCL signal rise time tR Input — 1000 20 300 — 120 ns SDA and SCL signal fall time*3 tF Input — 300 20 × (PVDD/ 5.5 V) 300 20 × (PVDD/ 5.5 V) 120 ns Output — 300 20 × (PVDD/ 5.5 V)*6 300*6 20 × (PVDD/ 5.5 V)*7 120*7 ns Setup time for STOP condition tSU:STO I/O 4.0 — 0.6 — 0.26 — μs Capacitive load for each bus line Cb — — 400*4 — 400*4 — 550*4 pF Pulse width of spikes that must be suppressed by the input filter tSP Input — — 0 50*5 0 50*5 ns Note: In the above table and subsequently, SCL and SDA refer to the RIICnSCL and RIICnSDA signals, respectively. Note: AC access timing condition: drive ability 4mA, output load 400pF, slew rate = slow Note 1. The first clock pulse is generated on the SCL line after the start condition has been issued and the hold time has elapsed. Note 2. This module requires a minimum of 300 ns hold time internally for the SDA signal to handle the period over which the falling edge of SCL has not reached a defined level (time until the CnSCL signal reaches VIL (max.) from VIH (min.)). Note 3. The fast-mode I2C bus device can be used in the standard mode I2C bus system. In this case, the minimum value of the data setup time (tSU: DAT (min.) 250 [ns]) must be satisfied. If the system does not extend the low period of SCL clock (tLOW), this condition is automatically satisfied. If the system extends the low period of SCL clock (tLOW), transmit the subsequent data bit to the SDA line before the SCL line is released (tR (max.) + tSU: DAT (min.) = 1000 + 250 = 1250 [ns]: (standard mode I 2C bus specification)). Note 4. Total capacitance of one bus line. The allowable maximum bus capacitance may differ from this specification, depending on the actual operating voltage and frequency of an application. For techniques to cope with a large bus capacitance, see the I2C bus specification provided by NXP Semiconductors. Note 5. Noise is removed by the analog and digital input filters. The level of noise reduction of the digital input filter is determined by the period of internal reference clock (IIC ϕ) and the NF[1:0] bits in RIICnMR3. For details, refer to Section 26, I²C Bus Interface. Note 6. External pull- up resistor is required 1077Ω to 1770Ω when using RIIC ch2 or RIIC ch3. Note 7. External pull- up resistor is required 240Ω to 257Ω when using RIIC ch2 or RIIC ch3. |