Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R7KA8M2AFDCAM Fiches technique(PDF) 125 Page - Renesas Technology Corp

No de pièce R7KA8M2AFDCAM
Description  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2AFDCAM Fiches technique(HTML) 125 Page - Renesas Technology Corp

Back Button R7KA8M2AFDCAM Datasheet HTML 121Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 122Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 123Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 124Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 125Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 126Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 127Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 128Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 129Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 295 page
background image
Table 2.52
Timing of recovery from low power modes (2 of 3)
Parameter
Fast return
function*9
Symbol
Min
Typ
Max
Unit
Test
conditions
Recovery
time from
Software
Standby
mode*12
Crystal
resonator
connected to
main clock
oscillator
System clock
source is main
clock
oscillator*1
MOSCSCR.MO
SCSOKP = 0
Enabled
tSBYMC*10
—
2.09
2.14
ms
Figure 2.34
The division
ratio of all
oscillators is 1.
System clock
source is main
clock
oscillator*1
MOSCSCR.MO
SCSOKP = 1
Enabled
—
44.9
94.6
μs
System clock
source is
PLL1P with
main clock
oscillator*2
MOSCSCR.MO
SCSOKP = 0
Enabled
tSBYPC*10
—
2.21
2.27
ms
System clock
source is
PLL1P with
main clock
oscillator*2
MOSCSCR.MO
SCSOKP = 1
Enabled
—
135
197
μs
External clock
input to main
clock oscillator
System clock
source is main
clock
oscillator*3
Enabled
tSBYEX*10
—
44.9
94.6
μs
System clock
source is
PLL1P with
main clock
oscillator*4
Enabled
tSBYPE*10
—
135
197
System clock source is sub-clock
oscillator*5
Enabled
tSBYSC*10
—
480
481
µs
System clock source is HOCO
clock oscillator*6
Enabled
tSBYHO*10
—
46.3
96.0
µs
System clock source is PLL1P
with HOCO*7
Enabled
tSBYPH*10
—
146
208
µs
System clock source is MOCO
clock oscillator*8
Enabled
tSBYMO*10
—
44.6
87.5
µs
RA8M2 Datasheet
2. Electrical Characteristics
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 125 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com