Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R7KA8M2AFDCAM Fiches technique(PDF) 120 Page - Renesas Technology Corp

No de pièce R7KA8M2AFDCAM
Description  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2AFDCAM Fiches technique(HTML) 120 Page - Renesas Technology Corp

Back Button R7KA8M2AFDCAM Datasheet HTML 116Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 117Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 118Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 119Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 120Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 121Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 122Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 123Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 124Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 295 page
background image
Table 2.49
Clock timing except for sub-clock oscillator (2 of 2)
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
LOCO clock oscillation frequency
fLOCO
29.4912
32.768
36.0448
kHz
—
LOCO clock oscillation stabilization wait time
tLOCOWT
—
—
26.0
µs
Figure 2.28
MOCO clock oscillation frequency
FMOCO
7.2
8.0
8.8
MHz
—
MOCO clock oscillation stabilization wait time
tMOCOWT
—
—
3.5
µs
—
HOCO clock oscillator
oscillation frequency
Without FLL (Standard
Product)
fHOCO16
15.776
16.000
16.224
MHz
–20 ≤ Tj ≤ 105 °C
fHOCO18
17.748
18.000
18.252
fHOCO20
19.720
20.000
20.280
fHOCO32
31.552
32.000
32.448
fHOCO48
47.328
48.000
48.672
fHOCO16
15.712
16.000
16.288
–40 ≤ Tj ≤ 125 °C
fHOCO18
17.676
18.000
18.324
fHOCO20
19.640
20.000
20.360
fHOCO32
31.424
32.000
32.576
fHOCO48
47.136
48.000
48.864
Without FLL (SiP
Product)
fHOCO16
15.744
16.000
16.256
–20 ≤ Tj ≤ 105 °C
fHOCO18
17.712
18.000
18.288
fHOCO20
19.680
20.000
20.320
fHOCO32
31.488
32.000
32.512
fHOCO48
47.232
48.000
48.768
fHOCO16
15.680
16.000
16.320
–40 ≤ Tj ≤ 125 °C
fHOCO18
17.640
18.000
18.360
fHOCO20
19.600
20.000
20.400
fHOCO32
31.360
32.000
32.640
fHOCO48
47.040
48.000
48.960
With FLL
fHOCO16
15.960
16.000
16.040
–40 ≤ Tj ≤ 125 °C
Sub-clock frequency
accuracy is ±50 ppm.
fHOCO18
17.955
18.000
18.045
fHOCO20
19.950
20.000
20.050
fHOCO32
31.920
32.000
32.080
fHOCO48
47.880
48.000
48.120
HOCO clock oscillation stabilization wait time*2
tHOCOWT
—
—
15.0
µs
—
HOCO stop width time
tHOCOSTP
1
—
—
µs
Figure 2.31
HOCO period jitter
—
-3
—
3
ps
—
FLL stabilization wait time (Standard Product)
tFLLWT
—
—
1.92
ms
—
FLL stabilization wait time (SiP Product)
tFLLWT
—
—
2.15
ms
—
PLL1/PLL2 clock frequency
fPLL
60
—
1200
MHz
—
PLL1/PLL2 clock oscillation stabilization wait time
tPLLWT
—
—
50
µs
Figure 2.29
PLL1/PLL2 period jitter
—
—
±52
—
ps
—
PLL1/PLL2 long term jitter
—
—
±300
—
ps
Term: 1 µs, 10 µs
RA8M2 Datasheet
2. Electrical Characteristics
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 120 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com