Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R7KA8M2AFDCAM Fiches technique(PDF) 109 Page - Renesas Technology Corp

No de pièce R7KA8M2AFDCAM
Description  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2AFDCAM Fiches technique(HTML) 109 Page - Renesas Technology Corp

Back Button R7KA8M2AFDCAM Datasheet HTML 105Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 106Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 107Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 108Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 109Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 110Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 111Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 112Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 113Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 295 page
background image
Table 2.46
Power consumption of each unit (External VDD mode) (2 of 2)
Dynamic
current/
Leakage
current
MCU Domain
Categ
ory
Item
Symbol
Frequency
[MHz]
Current
[µA/MHz]
Current
[mA]
Condition
Dynamic
Current
Peripheral Unit
Analog ADC16H (2 units)*2
IDD
125
66.267
8.283
VCL = voltage
range 1
DAC12 (2ch)*2
62.5
0.325
0.020
TSN
62.5
0.115
0.007
ACMPHS (4ch)*2
62.5
0.173
0.011
Huma
n
machi
ne
interfa
ces
CEU
IDD
125
18.383
2.298
VCL = voltage
range 1
Event
link
ELC
IDD
62.5
5.075
0.317
VCL = voltage
range 1
Securit
y
RSIP-E50D
IDD
125
302.444
37.806
VCL = voltage
range 1
DOTF (2ch)*2
62.5
131.817
8.239
Data
proces
sing
CRC
IDD
125
1.455
0.182
VCL = voltage
range 1
DOC
125
0.241
0.030
Syste
m
CAC
IDD
62.5
0.946
0.059
VCL = voltage
range 1
DMA
DMAC0 (per 1ch)
IDD
250
7.278
1.819
VCL = voltage
range 1
DMAC1 (per 1ch)
250
6.858
1.715
DTC0
250
9.077
2.269
DTC1
250
8.716
2.179
Dynamic
Current
FSBL operation
IDD
250
—
79.9
FSBLCLK[2:0]
= 111
200
—
66.1
FSBLCLK[2:0]
= 110
150
—
51.0
FSBLCLK[2:0]
= 101
133
—
46.6
FSBLCLK[2:0]
= 100
Note 1. Regulator and Leak are Internal voltage regulator’s current and MCU’s leakage current.
It is selected according to the temperature of Tj.
Note 2. To determine the current consumption per channel or unit, divide Current [mA] by the number of channels, groups or units.
Table 2.47
Outline of operation for each unit (1 of 2)
Peripheral
Outline of operation
RTC
RTC is operating with LOCO.
GPT
Operating modes is set to saw-wave PWM mode. GPT is operating with PCLKD
POEG
Only clear module stop bit.
PDG
PDG is applying delay of 1/128 times GTCLK period.
AGT
AGT is operating with PCLKB.
ULPT
ULPT is operating with LOCO.
WDT
WDT is operating with PCLKB.
IWDT
IWDT is operating with IWDTCLK.
RA8M2 Datasheet
2. Electrical Characteristics
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 109 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com