Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R7KA8M2AFDCAM Fiches technique(PDF) 104 Page - Renesas Technology Corp

No de pièce R7KA8M2AFDCAM
Description  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2AFDCAM Fiches technique(HTML) 104 Page - Renesas Technology Corp

Back Button R7KA8M2AFDCAM Datasheet HTML 100Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 101Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 102Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 103Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 104Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 105Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 106Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 107Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 108Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 295 page
background image
SfVCC2
VPOR1
dt/dVCC
(VBAT enable case)
power on
period
operation period
power off period
(VBAT disable case)
SrVCC
SfVCC1
Figure 2.24
VCC rising and falling waveform
2.2.7
Power Supply Rise Gradient
Table 2.42
VCC_USB rise gradient characteristics at power on
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
VCC_USB rising gradient at power
on
SrVCC_U
SB
8.4
—
—
μs/V
—
Table 2.43
VCC_USBHS and AVCC_USBHS rise gradient characteristics at power on
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
VCC_USBHS (=AVCC_USBHS)
rising gradient at power on
SrVCC_U
SBHS
8.4
—
—
μs/V
—
2.2.8
Thermal Characteristics
Maximum value of junction temperature (Tj) must not exceed the value of section 2.2.1. Tj/Ta Definition.
Tj is calculated by either of the following equations.
● Tj = Ta + θja × Total power consumption
● Tj = Tt + Ψjt × Total power consumption
– Tj : Junction Temperature (°C)
– Ta : Ambient Temperature (°C)
– Tt : Top Center Case Temperature (°C)
– θja : Thermal Resistance of “Junction”-to-“Ambient” (°C/W)
– Ψjt : Thermal Resistance of “Junction”-to-“Top Center Case” (°C/W)
● Total power consumption = Voltage × (Leakage current + Dynamic current)
● Leakage current of IO = Σ (IOL × VOL) /Voltage + Σ (|IOH| × |VCC – VOH|) /Voltage
● Dynamic current of IO = Σ IO (Cin + Cload) × IO switching frequency × Voltage
– Cin: Input capacitance
– Cload: Output capacitance
Regarding θja and Ψjt, see Table 2.44.
RA8M2 Datasheet
2. Electrical Characteristics
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 104 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com