Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R7KA8M2ADLCAC Fiches technique(PDF) 49 Page - Renesas Technology Corp

No de pièce R7KA8M2ADLCAC
Description  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2ADLCAC Fiches technique(HTML) 49 Page - Renesas Technology Corp

Back Button R7KA8M2ADLCAC Datasheet HTML 45Page - Renesas Technology Corp R7KA8M2ADLCAC Datasheet HTML 46Page - Renesas Technology Corp R7KA8M2ADLCAC Datasheet HTML 47Page - Renesas Technology Corp R7KA8M2ADLCAC Datasheet HTML 48Page - Renesas Technology Corp R7KA8M2ADLCAC Datasheet HTML 49Page - Renesas Technology Corp R7KA8M2ADLCAC Datasheet HTML 50Page - Renesas Technology Corp R7KA8M2ADLCAC Datasheet HTML 51Page - Renesas Technology Corp R7KA8M2ADLCAC Datasheet HTML 52Page - Renesas Technology Corp R7KA8M2ADLCAC Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 295 page
background image
Table 2.6
I/O IOH, IOL (2 of 5)
Parameter
VCC/VCC2/
AVCC0/
VCC_USB
Symbol
Min
Typ
Max
Unit
Permissible output
current (maxvalue of
total of all pins)
Maximum of all
output pins
VCC
I/O
Ports P411 to
P415, P511 to
P515, P708 to
P715, P805 to
P807 (total 21
pins)
1.62 V or above ΣIOH (max)
—
—
−40
mA
Ports P212,
P213, P400 to
P410 (total 13
pins)
1.62 V or above
—
—
−40
Ports P700 to
P707, PB00 to
PB04 (total 13
pins)
1.62 V or above
—
—
−40
Ports PB05 to
PB07, PD06,
PD07 (total 5
pins)
1.62 V or above
—
—
−40
Ports P207,
PD01 to PD05
(total 6 pins)
1.62 V or above
—
—
−40
Ports P904,
P910 to P913
(total 5 pins)
1.62 V or above
—
—
−40
Ports P206,
P304 to P312,
P902, P903,
P905 to P909
(total 17 pins)
1.62 V or above
—
—
−40
Ports P108 to
P115, P201,
P208 to P211,
P300 to P303,
P609, P914,
P915, PA11
(total 21 pins)
1.62 V or above
—
—
−40
Ports P610 to
P615, P813,
PA04 to PA10,
PA12 to PA15
(total 18 pins)
1.62 V or above
—
—
−40
Ports P503 to
P510, P608,
PA00 to PA03,
PC11 to PC15,
PD00 (total 19
pins)
1.62 V or above
—
—
−40
RA8M2 Datasheet
2. Electrical Characteristics
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 49 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com