Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CMV300 Fiches technique(PDF) 46 Page - ams-OSRAM AG

No de pièce CMV300
Description  VGA resolution CMOS image sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSOSRAM [ams-OSRAM AG]
Site Internet  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV300 Fiches technique(HTML) 46 Page - ams-OSRAM AG

Back Button CMV300 Datasheet HTML 42Page - ams-OSRAM AG CMV300 Datasheet HTML 43Page - ams-OSRAM AG CMV300 Datasheet HTML 44Page - ams-OSRAM AG CMV300 Datasheet HTML 45Page - ams-OSRAM AG CMV300 Datasheet HTML 46Page - ams-OSRAM AG CMV300 Datasheet HTML 47Page - ams-OSRAM AG CMV300 Datasheet HTML 48Page - ams-OSRAM AG CMV300 Datasheet HTML 49Page - ams-OSRAM AG CMV300 Datasheet HTML 50Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 56 page
background image
Reference:CMV300-datasheet-v2.11
CMV300 Datasheet
Page 44 of 54
© 2016 CMOSIS bvba
FIGURE 45: TRANSMITTANCE OF D263 GLASS
When a color sensor is used an IR-cutoff filter should be placed in the optical path of the sensor.
7.4 COLOR FILTERS
When a color version of the CMV300 is used, the color filters are applied in a Bayer pattern. The color version of the
CMV300 always has microlenses. The typical spectral response of the CMV with color filters and D263 cover glass can
be found below. The use of an IR cut-off filter in the optical path of the CMV300 image sensor is necessary to obtain
good color separation when using light with an NIR component.
Not available yet
Figure 38: Typical spectral response of CMV300 with RGB color filters and D263 cover glass
A RGB Bayer pattern is used on the CMV300 image sensor. The order of the RGB filter can be found in the drawing
below.
FIGURE 46: RGB BAYER PATTERN ORDER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56