Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CMV300 Fiches technique(PDF) 43 Page - ams-OSRAM AG

No de pièce CMV300
Description  VGA resolution CMOS image sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSOSRAM [ams-OSRAM AG]
Site Internet  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV300 Fiches technique(HTML) 43 Page - ams-OSRAM AG

Back Button CMV300 Datasheet HTML 39Page - ams-OSRAM AG CMV300 Datasheet HTML 40Page - ams-OSRAM AG CMV300 Datasheet HTML 41Page - ams-OSRAM AG CMV300 Datasheet HTML 42Page - ams-OSRAM AG CMV300 Datasheet HTML 43Page - ams-OSRAM AG CMV300 Datasheet HTML 44Page - ams-OSRAM AG CMV300 Datasheet HTML 45Page - ams-OSRAM AG CMV300 Datasheet HTML 46Page - ams-OSRAM AG CMV300 Datasheet HTML 47Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 56 page
background image
Reference:CMV300-datasheet-v2.11
CMV300 Datasheet
Page 41 of 54
© 2016 CMOSIS bvba
Register overview
Address
Default
Value
Remark/Required
value
Bit[7]
Bit[6]
Bit[5]
Bit[4]
Bit[3]
Bit[2]
Bit[1]
Bit[0]
45
232
Exp_time2[7:0]
46
1
Exp_time2[15:8]
47
0
Exp_time2[23:16]
48
0
Exp_kp1[7:0]
49
0
Exp_kp1[15:8]
50
0
Exp_kp1[23:16]
51
0
Exp_kp2[7:0]
52
0
Exp_kp2[15:8]
53
0
Exp_kp2[23:16]
54
1
Nr_slopes[1:0]
55
1
Number_frames [7:0]
56
0
Number_frames[15:8]
57
0
Output_mode[1:0]
58
4
Set to 44
59
0
Offset_bot[7:0]
Set to 240
60
0
Offset_bot[11:8]
Set to 10
61
85
Training_pattern[7:0]
62
0
Training pattern [11:8]
63
12
Do not change
64
2
Do not change
65
0
Do not change
66
0
Do not change
67
0
Do not change
68
0
Bit_mode[1:0]
69
0
Set to 9
70
0
Do not change
71
0
Do not change
72
0
Do not change
73
0
Do not change
74
0
Do not change
75
0
Do not change
76
0
Do not change
77
128
Do not change
78
0
Temp_sensor[7:0]
79
0
Temp_sensor[15:8]
80
0
PGA_gain[2:0]
Set to 2
81
126
Channel_en[6:0]
82
128
Do not change
83
155
PLL_range[7:0]
Set to 155
84
0
Do not change
85
3
Do not change
86
0
Do not change
87
0
Do not change
88
0
Do not change
89
0
Do not change
90
0
Do not change
91
0
Do not change
92
0
Do not change
93
0
Do not change
94
0
Do not change
95
0
Do not change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56