| Moteur de recherche de fiches techniques de composants électroniques |
|
AS89000 Fiches technique(PDF) 12 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS89000 Fiches technique(HTML) 12 Page - ams-OSRAM AG |
|
12 / 16 page ![]() ams.com db05175e_V3.01_preliminary_2017-07-06 Page 10 of 14 AS89000 V3.01 6 APPLICATIONS 6.1 Connection of ams Sensors Germany Color Sensor Figure 5: Circuit for the conversion of sensor’s photo current to an equivalent voltage by using the amplifier AS89000 Opposite figure shows a circuit for the conversion of sensor’s photo current to an equivalent voltage by using the amplifier AS89000. The resulted voltage can be processed e.g. with an ADC. By the selection of suitable resistors/amplifying stage the output voltage range can be adjusted to the photo current value by programming the pin-programmable transimpedance amplifier AS89000. 6.2 Temperature Compensation of AS89000 via Reference Method The following description shows a possible approach for reduction the temperature dependency of amplifier via reference channel (use the 4th channel of AS89000). Figure 6: Possible approach for reduction the temperature dependency of amplifier via reference channel Photo Out x I V R |