| Moteur de recherche de fiches techniques de composants électroniques |
|
AS89000 Fiches technique(PDF) 3 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS89000 Fiches technique(HTML) 3 Page - ams-OSRAM AG |
|
3 / 16 page ![]() ⚖ Production data information is current as of publication date. Products conform to specifications per the terms of ams Sensors Germany GmbH. The information in this document is subject of change without notice, please confirm that this is the latest version. Please check with a ams Sensors Germany sales representative for availability and further information. Full legal notices can be found on the final page. OPAMP 1 R C OPAMP X R C IIN<1> IIN<X> VREF AS89000 PD VOUT<X> VOUT<1> DATASHEET AS89000 Multi-channel programmable gain transimpedance amplifier QSOP16 Order No.: 305100002 Status: preliminary INTRODUCTION The AS89000-devices are a family of integrated circuits of programmable gain transimpedance amplifiers with 4 channels per IC (more custom specific, on request). The AS89000-devices are mainly used for signal conditioning of sensors with current outputs. They are especially suitable for connection of photodiodes of array and row sensors. The possibility to adjust the transimpedance in 8 stages is a special feature. The adjustment is made by programming three pins and is valid for all channels together. The device packages (naked chip on request) are RoHS conform and optimized for COB- mounting and SMD. 1 BLOCK DIAGRAM Figure 1: Block diagram |