| Moteur de recherche de fiches techniques de composants électroniques |
|
AS7343 Fiches technique(PDF) 35 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS7343 Fiches technique(HTML) 35 Page - ams-OSRAM AG |
|
35 / 58 page ![]() Document Feedback AS7343 Register Description Datasheet • PUBLIC DS001046 • v6-00 • 2023-Jun-07 57 │ 34 10.2.4 Device Identification The following registers provided device identification. Device ID, revision ID and auxiliary ID are read only. AUXID Register (Address 0x58) Figure 36: AUXID Register Addr: 0x58 AUXID Bit Bit Name Default Access Bit Description 7:4 Reserved Reserved 3:0 AUXID 0000 R Auxiliary Identification REVID Register (Address 0x59) Figure 37: REVID Register Addr: 0x59 REVID Bit Bit Name Default Access Bit Description 7:3 Reserved Reserved 2:0 REV_ID 000 R Revision Number Identification ID Register (Address 0x5A) Figure 38: ID Register Addr: 0x5A ID Bit Bit Name Default Access Bit Description 7:0 ID 10000001 R Part Number Identification Value 10000001 |