| Moteur de recherche de fiches techniques de composants électroniques |
|
AS7343 Fiches technique(PDF) 34 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS7343 Fiches technique(HTML) 34 Page - ams-OSRAM AG |
|
34 / 58 page ![]() Document Feedback AS7343 Register Description Datasheet • PUBLIC DS001046 • v6-00 • 2023-Jun-07 57 │ 33 AGC_GAIN_MAX Register (Address 0xD7) Figure 34: AGC_GAIN_MAX Register Addr: 0xD7 AGC_GAIN_MAX Bit Bit Name Default Access Bit Description 7:4 AGC_FD_GAIN_MAX 9 RW Flicker Detection AGC Gain Max. Sets the maximum gain for flicker detection to 2������������������_������������_������������������������_������������������ Default value is 9 (256x). The range can be set from 0 (0.5x) to 10 (2048x). 3:0 Reserved 9 Reserved Reserved CFG8 Register (Address 0xC9) Figure 35: CFG8 Register Addr: 0xC9 CFG8 Bit Bit Name Default Access Bit Description 7:6 FIFO_TH 2 RW FIFO Threshold. Sets a threshold on the FIFO level that triggers the first FIFO buffer interrupt (FINT). VALUE FIFO_LVL 0 1 1 4 2 8 3 16 5:0 Reserved 0 Reserved |