| Moteur de recherche de fiches techniques de composants électroniques |
|
AS7341 Fiches technique(PDF) 19 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS7341 Fiches technique(HTML) 19 Page - ams-OSRAM AG |
|
19 / 69 page ![]() Document Feedback AS7341 Functional Description Datasheet • PUBLIC DS000504 • v3-00 • 2020-Jun-25 68 │ 18 8.1 Channel Architecture The device features 6 independent optical channels with a dedicated 16-bit light-to-frequency converter. Gain and integration time of the 6 channels can be adjusted with the I2C interface. A wait time can be programed to automatically set a delay between two consecutive spectral measurements and to reduce overall power consumption. The other available channels can be accessed by a multiplexer (SMUX) connecting them to one of the internal ADCs. Figure 21: Simplified Block Diagram CH0 ADC CH1 ADC CH2 ADC CH3 ADC CH4 ADC CH5 ADC CH0 Data CH1 Data CH2 Data CH3 Data CH4 Data CH5 Data 6 x 16bit LTF ADC GPIO VDD I2C Interface SCL SDA interrupt handling INT GND CH0 data CH5 data OTP RC- osc NIR/CLEAR/FLICKER regist er 8 x VIS F1-F8 4x4 PD array LDR LED PGND |