Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7341 Fiches technique(PDF) 45 Page - ams-OSRAM AG

No de pièce AS7341
Description  11-Channel Multi-Spectral Digital Sensor
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSOSRAM [ams-OSRAM AG]
Site Internet  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7341 Fiches technique(HTML) 45 Page - ams-OSRAM AG

Back Button AS7341 Datasheet HTML 41Page - ams-OSRAM AG AS7341 Datasheet HTML 42Page - ams-OSRAM AG AS7341 Datasheet HTML 43Page - ams-OSRAM AG AS7341 Datasheet HTML 44Page - ams-OSRAM AG AS7341 Datasheet HTML 45Page - ams-OSRAM AG AS7341 Datasheet HTML 46Page - ams-OSRAM AG AS7341 Datasheet HTML 47Page - ams-OSRAM AG AS7341 Datasheet HTML 48Page - ams-OSRAM AG AS7341 Datasheet HTML 49Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 69 page
background image
Document Feedback
AS7341
Register Description
Datasheet
• PUBLIC
DS000504
• v3-00 • 2020-Jun-25
68
│ 44
10.2.6
Device Status Register
The following register provide status of the device and indicate details about saturation, interrupts,
over temperature, device execution and ambient light flicker detection.
STAT Register (Address 0x71)
Figure 62:
STAT Register
Addr: 0x71
STAT
Bit
Bit Name
Default
Access
Bit Description
7:2
reserved
0
RW
reserved
1
WAIT_SYNC
0
R
1: Device waits for sync pulse on GPIO to start
integration (SYNS / SYND INT_mode)
0
READY
0
R
0: Spectral measurement status is busy
1: Spectral measurement status is ready



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69