| Moteur de recherche de fiches techniques de composants électroniques |
|
AS3953A-BSDF Fiches technique(PDF) 40 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS3953A-BSDF Fiches technique(HTML) 40 Page - ams-OSRAM AG |
|
40 / 71 page ![]() ams Datasheet Page 39 [v1-05] 2019-Feb-15 Document Feedback AS3953A − Detailed Description Loading Transmitting Data into FIFO Loading the transmitting data into the FIFO is similar to writing data into an addressable registers. Difference is that in case of loading more bytes all bytes go to the FIFO. The command mode code 10 indicates FIFO operations. In case of loading transmitting data into FIFO all bits <C5 – C0> are set to ‘0’. Then a bit-stream, the data to be sent (1 to 32 bytes), can be transferred. Figure 47 shows how to load the Transmitting data into the FIFO. Figure 47: Loading of FIFO /SS SCLK MOSI 10 00 0 0 0 0 1 to 32 bytes X SCLK rising edge Data is transfered from µC SCLK falling edge Data is sampled /SS rising edge signals end of COMMAND Mode 10 pattern indicates FIFO mode X Start of payload Data |