| Moteur de recherche de fiches techniques de composants électroniques |
|
AS3953 Fiches technique(PDF) 8 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS3953 Fiches technique(HTML) 8 Page - ams-OSRAM AG |
|
8 / 71 page ![]() ams Datasheet Page 7 [v1-05] 2019-Feb-15 Document Feedback AS3953A − Absolute Maximum Ratings MSL Moisture sensitivity level 3MLPD 1 WL-CSP tstrg_DOF Storage time for DOF/die or wafers on foil 3 months Refer to indicated date of packing Tstrg_DOF Storage temperature for DOF/die or wafers on foil 18 24 ºC RHopen_ DOF Relative humidity for DOF/die or wafers on foil in open package 15 % Opened package RHUnopen_ DOF Relative humidity for DOF/die or wafers on foil in closed package 40 60 % Unopened package Symbol Parameter Min Max Units Comments |