| Moteur de recherche de fiches techniques de composants électroniques |
|
AS3953 Fiches technique(PDF) 4 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS3953 Fiches technique(HTML) 4 Page - ams-OSRAM AG |
|
4 / 71 page ![]() ams Datasheet Page 3 [v1-05] 2019-Feb-15 Document Feedback AS3953A − General Description Applications The device is ideal for applications like • Passive wake-up • Multipurpose HF interface to a controller • Low power or passive programming • Ultra low power data logger • RFID programmable configuration EEPROM • ISO 14443A smart card • NFC Forum Tag Type 4 • Bluetooth and Wi-Fi pairing Block Diagram The functional blocks of this device are shown below: Figure 2: AS3953A Block Diagram LC1 LC2 VSS VP_SPI SPI Power Manager EEPROM POR Level Shifters VP_REG VDD AS3953A AFE VP_INT IRQ Logic |