Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7263 Fiches technique(PDF) 21 Page - ams-OSRAM AG

No de pièce AS7263
Description  6-Channel NIR Spectral_ID Device with Electronic Shutter and Smart Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSOSRAM [ams-OSRAM AG]
Site Internet  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7263 Fiches technique(HTML) 21 Page - ams-OSRAM AG

Back Button AS7263 Datasheet HTML 17Page - ams-OSRAM AG AS7263 Datasheet HTML 18Page - ams-OSRAM AG AS7263 Datasheet HTML 19Page - ams-OSRAM AG AS7263 Datasheet HTML 20Page - ams-OSRAM AG AS7263 Datasheet HTML 21Page - ams-OSRAM AG AS7263 Datasheet HTML 22Page - ams-OSRAM AG AS7263 Datasheet HTML 23Page - ams-OSRAM AG AS7263 Datasheet HTML 24Page - ams-OSRAM AG AS7263 Datasheet HTML 25Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
Page 20
Datasheet, Public
Document Feedback
[v4-00] 2022-Nov-30
AS7263 − Detailed Description
I²C Virtual Register Read Access
Figure 20 shows the pseudocode necessary to read virtual reg-
isters on the AS7263. Note that in this case, reading a virtual
register, the register address is not modified.
Figure 20:
I²C Virtual Register Byte Read
Pseudocode
Poll I²C slave STATUS register;
If TX_VALID bit is 0, the virtual register address for the read may be written;
Send a virtual register address;
Poll I²C slave STATUS register;
If RX_VALID bit is 1, the read data is ready;
Read the data.
Sample Code:
uint8_t i2cm_AS72xx_read(uint8_t virtualReg)
{
volatile uint8_t status, d ;
while (1)
{
// Read slave I2C status to see if the read buffer is ready.
status = i2cm_read(I2C_AS72XX_SLAVE_STATUS_REG) ;
if ((status & I2C_AS72XX_SLAVE_TX_VALID) == 0)
// No inbound TX pending at slave. Okay to write now.
break ;
}
// Send the virtual register address (setting bit 7 to indicate a pending write).
i2cm_write(I2C_AS72XX_SLAVE_WRITE_REG, virtualReg) ;
while (1)
{
// Read the slave I²C status to see if our read data is available.
status = i2cm_read(I2C_AS72XX_SLAVE_STATUS_REG) ;
if ((status & I2C_AS72XX_SLAVE_RX_VALID) != 0)
// Read data is ready.
break ;
}
// Read the data to complete the operation.
d = i2cm_read(I2C_AS72XX_SLAVE_READ_REG) ;
return d ;s
}
The details of the i2cm_read() and i2cm_write() functions in
previous Figures are dependent upon the nature and imple-
mentation of the external I²C master device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46