| Moteur de recherche de fiches techniques de composants électroniques |
|
AS7263 Fiches technique(PDF) 16 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS7263 Fiches technique(HTML) 16 Page - ams-OSRAM AG |
|
16 / 46 page ![]() Datasheet, Public Page 15 [v4-00] 2022-Nov-30 Document Feedback AS7263 − Detailed Description Figure 15: Photo Diode Array Figure 16: Bank Mode and Data Conversion RC Oscillator The timing generation circuit consists of an on-chip 16MHz, temperature compensated oscillator, which provides the master clock for the AS7263. T U S R V W Photo Diode Array BANK Mode 0 One Conversion S, T, U, V Integration Time R, T, U, W One Conversion BANK Mode 1 Integration Time S, T, U, V 1st Conversion BANK Mode 2 Integration Time R, T, U, W 2nd Conversion Integration Time |