Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7262 Fiches technique(PDF) 22 Page - ams-OSRAM AG

No de pièce AS7262
Description  6-Channel Visible Spectral_ID Device with Electronic Shutter and Smart Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSOSRAM [ams-OSRAM AG]
Site Internet  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7262 Fiches technique(HTML) 22 Page - ams-OSRAM AG

Back Button AS7262 Datasheet HTML 18Page - ams-OSRAM AG AS7262 Datasheet HTML 19Page - ams-OSRAM AG AS7262 Datasheet HTML 20Page - ams-OSRAM AG AS7262 Datasheet HTML 21Page - ams-OSRAM AG AS7262 Datasheet HTML 22Page - ams-OSRAM AG AS7262 Datasheet HTML 23Page - ams-OSRAM AG AS7262 Datasheet HTML 24Page - ams-OSRAM AG AS7262 Datasheet HTML 25Page - ams-OSRAM AG AS7262 Datasheet HTML 26Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
Datasheet, Public
Page 21
[v4-00] 2022-Nov-30
Document Feedback
AS7262 − Detailed Description
4-Byte Floating-Point (FP) Registers
Several 4-byte registers (hex) are used by the AS7262. Here is
an example of how these registers are used to represent floating
point data (based on the IEEE 754 standard):
Figure 19:
Example of the IEEE 754 Standard
The floating point (FP) value assumed by 32 bit binary32 data
with a biased exponent e (the 8 bit unsigned integer) and a
23 bit fraction is (for the above example):
0 0 1 1 1 1 1 0
31
0 0 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
3E (hex)
20 (hex)
00 (hex)
00 (hex)
byte 3
byte 2
byte 1
byte 0
0 0 1 1 1 1 1 0 0 0 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
exponent (8 bits)
fraction (23 bits)
24 23
16 15
8 7
0
31
23
30
22
0
sign
= 0.15625
FP value
1
–
()
sign
1b23 i
– 2
i
–
i1
=
23
+




2
e 127
–
()
×
⋅
=
FP value
1
–
()
0
1b23 i
– 2
i
–
i1
=
23
+




2
124 127
–
()
×
⋅
=
FP value
1
1 2
2
–
+
() 2
3
–
×
×
=
0.15625
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48