| Moteur de recherche de fiches techniques de composants électroniques |
|
AS7262 Fiches technique(PDF) 28 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS7262 Fiches technique(HTML) 28 Page - ams-OSRAM AG |
|
28 / 48 page ![]() Datasheet, Public Page 27 [v4-00] 2022-Nov-30 Document Feedback AS7262 − Detailed Description Figure 27: Sensor Raw Data Registers Addr: 0x08 V_High Bit Bit Name Default Access Bit Description 7:0 V_High R Channel V High Data Byte. Addr: 0x09 V_Low Bit Bit Name Default Access Bit Description 7:0 V_Low R Channel V Low Data Byte. Addr: 0x0A B_High Bit Bit Name Default Access Bit Description 7:0 B_High R Channel B High Data Byte. Addr: 0x0B B_Low Bit Bit Name Default Access Bit Description 7:0 B_Low R Channel B Low Data Byte. Addr: 0x0C G_High Bit Bit Name Default Access Bit Description 7:0 G_High R Channel G High Data Byte. Addr: 0x0D G_Low Bit Bit Name Default Access Bit Description 7:0 G_Low R Channel G Low Data Byte. Addr: 0x0E Y_High Bit Bit Name Default Access Bit Description 7:0 Y_High R Channel Y High Data Byte. Addr: 0x0F Y_Low Bit Bit Name Default Access Bit Description 7:0 Y_Low R Channel Y Low Data Byte. |