| Moteur de recherche de fiches techniques de composants électroniques |
|
AS7261 Fiches technique(PDF) 4 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS7261 Fiches technique(HTML) 4 Page - ams-OSRAM AG |
|
4 / 48 page ![]() ams Datasheet Page 3 [v1-00] 2016-Dec-30 Document Feedback AS7261 − Pin Assignments The device pin assignments are described below. Figure 3: AS7261 Pin Diagram (Top View) Figure 4: AS7261 Pin Description Pin # Pin Name Description 1 NC Not functional. Do not connect 2RESN Reset, active LOW 3 SCK SPI serial clock 4 MOSI SPI master out slave in 5 MISO SPI master in slave out 6 CSN_EE Chip Select for external serial Flash memory, Active LOW 7 CSN_SD Chip Select for SD Card Interface, Active LOW 8 I2C_ENB Select UART (Low) or I²C (High) Operation 9 NF Not Functional. Do not connect. Pin Assignments 1 5 610 11 15 16 20 |