Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7261 Fiches technique(PDF) 31 Page - ams-OSRAM AG

No de pièce AS7261
Description  XYZ Chromatic White Color Sensor NIR with Electronic Shutter and Smart Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSOSRAM [ams-OSRAM AG]
Site Internet  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7261 Fiches technique(HTML) 31 Page - ams-OSRAM AG

Back Button AS7261 Datasheet HTML 27Page - ams-OSRAM AG AS7261 Datasheet HTML 28Page - ams-OSRAM AG AS7261 Datasheet HTML 29Page - ams-OSRAM AG AS7261 Datasheet HTML 30Page - ams-OSRAM AG AS7261 Datasheet HTML 31Page - ams-OSRAM AG AS7261 Datasheet HTML 32Page - ams-OSRAM AG AS7261 Datasheet HTML 33Page - ams-OSRAM AG AS7261 Datasheet HTML 34Page - ams-OSRAM AG AS7261 Datasheet HTML 35Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 48 page
background image
Page 30
ams Datasheet
Document Feedback
[v1-00] 2016-Dec-30
AS7261 − Detailed Descriptions
In the figure below, numeric values may be specified with no
leading prefix, in which case they will be interpreted as
decimals, or with a leading “0x” to indicate that they are
hexadecimal numbers, or with a leading “‘b” to indicate that
they are binary numbers. The commands are loosely grouped
into functional areas. Texts appearing between angle brackets
(‘<‘ and ‘>‘) are commands or response arguments. A carriage
return character, a linefeed character, or both may terminate
commands and responses. Note that any command that
encounters an error will generate the “ERROR” response shown,
for example, in the NOP command at the top of the first table,
but has been omitted elsewhere in the interest of readability
and clarity.
Figure 32:
AT Commands
Command
Response
Description/Parameters
XYZ Calibrated Data with Its Derivatives
ATXYZC
<X_cor_value>,
<Y_cor_value>,
<Z_cor_value> OK
Read calibrated X, Y, and Z data. Returns comma-separated
floating-point values
ATLUXC
<LUX_value> OK
Read the calibrated LUX value from the sensor.
ATCCTC
<CCT_value> OK
Read the calibrated CCT value from the sensor.
ATSMALLXYC
<smallX_value>,
<smallY_value> OK
Read calibrated x and y for CIE 1931 color gamut. Returns
comma separated floating-point values (5 decimal places).
ATUVPRIMEC
<Uprime_value>,
<Vprime_value>,
<U_value>,
<V_value> OK
Read calibrated u’, v’ and u, v for CIE 1976 color gamut.
Returns comma separated floating-point values (5 decimal
places).
ATDUVC
<DUV_value> OK
Read calibrated Duv for CIE 1976-color gamut. Returns
comma separated floating-point values (5 decimal places).
Spectral Data per Channel
ATXYZR
<X_value>, <Y_value>,
<Z_value> OK
Read raw X, Y, and Z data. Returns comma-separated 16-bit
integers.
ATDATA
<X_value>, <Y_value>,
<Z_value>,
<Spec_reg_NIR>,
<Spec_reg_D>,
<Spec_reg_C> OK
Read raw X, Y, Z and NIR data as well as two special internal
registers D, & C. Returns comma-separated 16-bit integers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48