| Moteur de recherche de fiches techniques de composants électroniques |
|
AS1130-BWLT Fiches technique(PDF) 32 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS1130-BWLT Fiches technique(HTML) 32 Page - ams-OSRAM AG |
|
32 / 67 page ![]() ams Datasheet Page 31 [v2-01] 2016-Oct-12 Document Feedback AS1130 − Register Description Figure 36: LEDs PWM Register Format Segment Address Data HE X A 7 A 6 A 5 A 4 A 3 A 2 A 1 A 0 D 7 D 6 D 5 D 4 D 3 D 2 D 1 D 0 0 LED00 0x18 00011000 255 steps for intensity each single LED LED01 0x19 00011001 LED02 0x1A 00011010 LED03 0x1B 00011011 LED040x1C 00011100 LED05 0x1D 00011101 LED06 0x1E 00011110 LED07 0x1F 00011111 LED08 0x20 00100000 LED09 0x21 00100001 LED0A 0x22 00100010 1 LED10 0x23 0 0 1 0 0 0 1 1 255 steps for intensity each single LED LED11 0x24 0 0 1 0 0 1 0 0 LED12 0x25 0 0 1 0 0 1 0 1 LED13 0x26 0 0 1 0 0 1 1 0 LED14 0x27 0 0 1 0 0 1 1 1 LED15 0x28 0 0 1 0 1 0 0 0 LED16 0x29 0 0 1 0 1 0 0 1 LED17 0x2A 0 0 1 0 1 0 1 0 LED18 0x2B 0 0 1 0 1 0 1 1 LED19 0x2C 0 0 1 0 1 1 0 0 LED1A 0x2D 0 0 1 0 1 1 0 1 |